| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC1010-RTR1 bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1010-RTR1 bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 152 page ![]() CC1010 SWRS047 Page 27 of 152 Mnemonic Description Branching ACALL addr 11 Absolute call to subroutine 2 3 11-F1 LCALL addr 16 Long call to subroutine 3 4 12 RET Return from subroutine 1 4 22 RETI Return from interrupt 1 4 32 AJMP addr 11 Absolute jump unconditional 2 3 01-E1 LJMP addr 16 Long jump unconditional 3 4 02 SJMP rel Short jump (relative address) 2 3 80 JC rel Jump on carry = 1 2 3 40 JNC rel Jump on carry = 0 2 3 50 JB bit, rel Jump on direct bit = 1 3 4 20 JNB bit, rel Jump on direct bit = 0 3 4 30 JBC bit, rel Jump on direct bit = 1 and clear 3 4 10 JMP @A+DPTR Jump indirect relative DPTR 1 3 73 JZ rel Jump on accumulator = 0 2 3 60 JNZ rel Jump on accumulator /= 0 2 3 70 CJNE A, direct, rel Compare A and direct, jump relative if not equal 3 4 B5 x CJNE A, #d, rel Compare A and immediate, jump relative if not equal 3 4 B4 x CJNE Rn, #d, rel Compare reg and immediate, jump relative if not equal 3 4 B8- BF x CJNE @Ri, #d, rel Compare ind and immediate, jump relative if not equal 3 4 B6- B7 x DJNZ Rn, rel Decrement register, jump relative if not zero 2 3 D8- DF DJNZ direct, rel Decrement direct byte, jump relative if not zero 3 4 D5 Misc. NOP No operation 1 1 00 TRAP Set EICON.FDIF = 1, used for breakpoints 1 3 A5 Table 12. Instruction Set Summary |