công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MITX-CORE-820 bảng dữ liệu(PDF) 88 Page - Emerson Network Power

tên linh kiện MITX-CORE-820
Giải thích chi tiết về linh kiện  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMERSON-NETWORKPOWER [Emerson Network Power]
Trang chủ  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 bảng dữ liệu(HTML) 88 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 84Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 85Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 86Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 87Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 88Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 89Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 90Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 91Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 92Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
Replacing the Battery
MITX-CORE-820 Installation and Use (6806800M10D)
88
The battery provides data retention of one year summing up all periods of actual data use.
Emerson therefore assumes that there usually is no need to exchange the battery except, for
example, in case of long-term spare part handling.
A.2
Procedure Description
The following procedure describes how to exchange the battery.
Board/System Damage
Incorrect exchange of lithium batteries can result in a hazardous explosion.
When exchanging the on-board lithium battery, make sure that both the new and the
old battery are exactly the same battery models.
If the respective battery model is not available, contact your local Emerson sales
representative for the availability of alternative and officially approved battery models.
Data Loss
If the battery no longer provides enough power, the RTC is initialized and the data in the
NVRAM is lost.
Exchange the battery before one year of actual battery use has elapsed.
Data Loss
Exchanging the battery always results in data loss of the devices which use the battery
as power backup.
Back up affected data before exchanging the battery.
Data Loss
Installing a battery type other than the type installed by the manufacturer may cause
data loss since other battery types may be specified for other environments or may have
a shorter lifetime.
Only use the same type of lithium battery as is already installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com