công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MITX-CORE-820 bảng dữ liệu(PDF) 83 Page - Emerson Network Power

tên linh kiện MITX-CORE-820
Giải thích chi tiết về linh kiện  Installation and Use
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMERSON-NETWORKPOWER [Emerson Network Power]
Trang chủ  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MITX-CORE-820 bảng dữ liệu(HTML) 83 Page - Emerson Network Power

Back Button MITX-CORE-820 Datasheet HTML 79Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 80Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 81Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 82Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 83Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 84Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 85Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 86Page - Emerson Network Power MITX-CORE-820 Datasheet HTML 87Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
Firmware
MITX-CORE-820 Installation and Use (6806800M10D)
83
5.3.8
PS2 Interface & Device Configuration
NPCE791x provides three PS/2 channels including channel 1, channel 2 and channel 3. For the
MITX-CORE-820, the channel 3 is for PS2 mouse, the channel 2 is for PS2 keyboard and the
channel 1 is not used.
5.3.9
Input Events Detection through GPIO
EC detects the following events:
Power Switch
AC adaptor In/Out
Battery In/Out Event
The power switch and AC adaptor In/Out could be detected through the event table below.
However, the MITX-CORE-820 does not have a GPIO pin for the battery in/out detection. EC
uses the SMBUS polling method to detect if the battery is present.
/*
Time Base is 10mS.
A --> "PORT PIN" definition for Events
B --> Active "HIGH" or "LOW"
C --> Event debounce counter.
D --> "ACTION" of event
*/
const EVENT_DESCRIPTOR Events_Table[] =
{
/* A
B
C,
D*/
{PORT_PIN(0, 3) | LOW,
10,
0x0000},
/* 0x00 - Power Switch Event.*/
{PORT_PIN(0, 4) | HIGH, 10,
0x9130},
/* 0x01 - AC Adaptor In/Out Event. */
{PORT_PIN(9, 1) | LOW,
10,
0x9131},
/* 0x02 - Battery In/Out Event. */
{UNUSED_PIN
| LOW,
00,
0x9137},
/* 0x03 - PME Event. */
};
//#define Events_Size (sizeof(Events_Table) / sizeof(EVENT_DESCRIPTOR))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com