công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS324 bảng dữ liệu(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

tên linh kiện AS324
Giải thích chi tiết về linh kiện  LOW POWER QUAD OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Trang chủ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS324 bảng dữ liệu(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS324 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS324 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324/324A
Data Sheet
1
Apr. 2007 Rev. 1.6
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AS324/324A
General Description
The AS324/324A consist of four independent, high
gain and internally frequency compensated operational
amplifiers. They are specifically designed to operate
from a single power supply. Operation from split
power supplies is also possible and the low power
supply current drain is independent of the magnitude
of the power supply voltage. Typical applications
include transducer amplifiers, DC gain blocks and
most conventional operational amplifier circuits.
The AS324/324A series are compatible with industry
standard 324. AS324A has more stringent input offset
voltage than AS324.
The AS324 is available in SOIC-14, DIP-14 and
TSSOP-14 packages, AS324A is available in SOIC-14
and DIP-14 packages.
Features
·
Internally Frequency Compensated for Unity
Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.5mA (Typical)
·
Wide Power Supply Voltage Range:
Single Supply: 3V to 36V
Dual Supplies: ±1.5V to ±18V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC -1.5V
·
Power Drain Suitable for Battery Operation
Application
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
DIP-14
SOIC-14
TSSOP-14


Số phần tương tự - AS324

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AS324 BCDSEMI-AS324 Datasheet
808Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS324 DIODES-AS324 Datasheet
548Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
BCD Semiconductor Manuf...
AS324A BCDSEMI-AS324A Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - AS324

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com