công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAM510 bảng dữ liệu(PDF) 49 Page - ATMEL Corporation

tên linh kiện ATAM510
Giải thích chi tiết về linh kiện  MARC4 4-bit MTP Universal Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM510 bảng dữ liệu(HTML) 49 Page - ATMEL Corporation

Back Button ATAM510 Datasheet HTML 45Page - ATMEL Corporation ATAM510 Datasheet HTML 46Page - ATMEL Corporation ATAM510 Datasheet HTML 47Page - ATMEL Corporation ATAM510 Datasheet HTML 48Page - ATMEL Corporation ATAM510 Datasheet HTML 49Page - ATMEL Corporation ATAM510 Datasheet HTML 50Page - ATMEL Corporation ATAM510 Datasheet HTML 51Page - ATMEL Corporation ATAM510 Datasheet HTML 52Page - ATMEL Corporation ATAM510 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
4711B–4BMCU–01/05
ATAM510
Figure 3-21. Pulse Width Measurement
3.5.3.13
Phase Measurement Mode
This mode allows the Timer 0 to measure the phase misalignment between two 1:1 mark space
ratio input signals connected to the BP40 and BP41 pins (see Figure 3-22). The counter clock is
gated with the phase misalignment period (tp), during which time the counter increments with
the selected clock frequency. This misalignment period is defined as the period during which
BP40 is high and BP41 is low. Capturing and resetting of the counter always takes place on the
rising edge of BP41. The measured value remains in the capture register until overwritten by the
next measurement. Interrupts can be generated by either an overflow condition or an end-of-
measurement (EOM) event. An EOM event signals to the CPU that a new measured value is
present in the capture register and can be read, if required.
Figure 3-22. Phase Measurement
3.5.3.14
Position Measurement Mode
This mode is intended for the evaluation of positional sensors with bi-phase output signals. Fig-
ure 3-23 on page 50 illustrates a typical positional sensor system which delivers both
incremental positional stepping signals and also directional information. The direction can be
deduced from the relative phase of the two signals. Therefore if BP40 is high on the rising edge
of BP41, the moving mask travels to the left and if it is low then it travels to the right. The direc-
tion (left/right) information is used to set the direction of the up/down counter which enables the
BP40 pulses to be counted. Assuming that the system has been reset on a reference position,
the counter will always hold the absolute current position of the moving mask. This can be read
by the CPU if necessary. This mode is the only one in which the counter is allowed to decre-
ment. Therefore, in this case it is possible for both an underflow or an overflow to occur. The
overflow interrupt (if unmasked) will trigger on either of these conditions while the compare inter-
rupt on the other hand will only trigger if the counter is counting upwards. To differentiate
between an overflow or underflow, the compare value can be set to '0' hex, for example. An
T0IN1
(BP41)
t_low
t_high
"eom"
Interrupt
Captures and resets timer
T0IN1
(BP41)
T0IN0
(BP40)
EOM
Interrupt
tp
tp
tp
Captures and resets timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com