công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCM43236KMLG bảng dữ liệu(PDF) 33 Page - Cypress Semiconductor

tên linh kiện BCM43236KMLG
Giải thích chi tiết về linh kiện  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236KMLG bảng dữ liệu(HTML) 33 Page - Cypress Semiconductor

Back Button BCM43236KMLG Datasheet HTML 29Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 30Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 31Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 32Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 33Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 34Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 35Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 36Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
2.4 GHz Band Transmitter RF Specifications
BROADCOM
September 16, 2013 • 43236_43236B-DS103-R
Page 32
®
BCM43236/BCM43236B Preliminary Data Sheet
2.4 GHz Band Transmitter RF Specifications
2.4 GHz Band Local Oscillator Specifications
Table 12: 2.4 GHz Band Transmitter RF Specifications
Characteristic
Condition
Minimum Typical
Maximum Unit
RF Output Frequency Range
–
2400
–
2500
MHz
TX Output Power
BCM43236
20 MHz BW
–
–
16
dBm
40 MHz BW
–
–
14.5
dBm
BCM43236B
20 MHz BW
–
–
18
dBm
40 MHz BW
–
–
15.5
dBm
Carrier Suppression
–
15
–
–
dBr
TX Spectrum mask @
maximum gain
fc – 22 MHz < f < fc – 11 MHz
–
–
–30
dBr
fc + 11 MHz < f < fc + 22 MHz
–
–
–30
dBr
f < fc – 22 MHz; and f > fc + 22 MHz –
–
–50
dBr
TX Modulation Accuracy
(EVM) at maximum gain
IEEE 802.11b mode
–
–
35%
–
IEEE 802.11g mode
–
–
5%
–
Gain Control Step Size
–
–
0.25
–
dB/step
I/Q Baseband Bandwidth
IEEE 802.11b mode
–
12
–
MHz
IEEE 802.11g mode
–
12
–
MHz
Amplitude Balancea
a. At a 3 MHz offset from the carrier frequency.
DC input
–1
–
1
dB
Phase Balancea
DC input
–1.5
–
1.5
°C
Baseband Differential Input
Voltage
Shaped pulse
–
0.6
–
Vpp
Table 13: 2.4 GHz Band Local Oscillator Specifications
Characteristic
Condition Minimum Typical
Maximum Unit
VCO Frequency Range
–
2412
–
2484
MHz
Reference Input Frequency Range
–
–
20
–
MHz
Clock Frequency Tolerance
–
–
–
±20
ppm
Reference Spurs
–
–
–
–34
dBc
Local Oscillator Phase Noise, single-sided from
1 kHz–300 kHz offset
–
–
–
–86.5
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com