công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BCM43236KMLG bảng dữ liệu(PDF) 32 Page - Cypress Semiconductor

tên linh kiện BCM43236KMLG
Giải thích chi tiết về linh kiện  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236KMLG bảng dữ liệu(HTML) 32 Page - Cypress Semiconductor

Back Button BCM43236KMLG Datasheet HTML 28Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 29Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 30Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 31Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 32Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 33Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 34Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 35Page - Cypress Semiconductor BCM43236KMLG Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
2.4 GHz Band Receiver RF Specifications
BROADCOM
September 16, 2013 • 43236_43236B-DS103-R
Page 31
®
BCM43236/BCM43236B Preliminary Data Sheet
2.4 GHz Band Receiver RF Specifications
Table 11: 2.4 GHz Band Receiver RF Specifications
Characteristic
Condition
Minimum Typical
Maximum
Unit
Cascaded Noise Figure
–
–
4.5
–
dB
Maximum Receive Levela
a. When using a suitable external switch.
@ 1, 2 Mbps
–4
–
–
dBm
@ 5.5, 11 Mbps
–10
–
–
dBm
@ 54 Mbps
–10
–
–
dBm
Input IP3
Maximum gain
–
–16
–
dBm
Minimum gain
–
–2
–
dBm
LPF 3 dB Bandwidth
–
8
8.5
9
MHz
PGA DC Rejection Servo Loop Bandwidth WB mode
–
1
–
MHz
NB mode
120 Hz
–
230 kHz
–
LPF DC Rejection Servo Loop Bandwidth WB mode
–
500
–
kHz
NB mode
120 Hz
–
230 kHz
–
Maximum Receiver Gain
–
–
88
–
dB
Gain Control Step
–
–
3
–
dB/step
Rx Sensitivity
(10% PER for 4096 octet PSDU) at WLAN
RF port. Defined for default parameters:
GF, 800 ns GI, and non-STBC.
20 MHz channel spacing for all MCS rates
MCS0 OFDM
–
–91
–
dBm
MCS7 OFDM
–
–74
–
dBm
MCS8 OFDM
–
–88.5
–
dBm
MCS15 OFDM
–
–69
–
dBm
40 MHz channel spacing for all MCS rates
MCS0 OFDM
–
–88
–
dBm
MCS7 OFDM
–
–71
–
dBm
MCS8 OFDM
–
–85.5
–
dBm
MCS15 OFDM
–
–66
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com