công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F147 bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F147
Giải thích chi tiết về linh kiện  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F147 bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button MSP430F147 Datasheet HTML 10Page - Texas Instruments MSP430F147 Datasheet HTML 11Page - Texas Instruments MSP430F147 Datasheet HTML 12Page - Texas Instruments MSP430F147 Datasheet HTML 13Page - Texas Instruments MSP430F147 Datasheet HTML 14Page - Texas Instruments MSP430F147 Datasheet HTML 15Page - Texas Instruments MSP430F147 Datasheet HTML 16Page - Texas Instruments MSP430F147 Datasheet HTML 17Page - Texas Instruments MSP430F147 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
14
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Terminal Configuration and Functions
Copyright © 2000–2018, Texas Instruments Incorporated
Table 4-2. Signal Descriptions for MSP430F14x1 (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
P3.6/UTXD1
34
I/O
General-purpose digital I/O pin
Transmit data out for USART1 in UART mode
P3.7/URXD1
35
I/O
General-purpose digital I/O pin
Receive data in for USART1 in UART mode
P4.0/TB0
.36
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI0A or CCI0B input, compare: Out0 output
P4.1/TB1
37
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI1A or CCI1B input, compare: Out1 output
P4.2/TB2
38
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI2A or CCI2B input, compare: Out2 output
P4.3/TB3
39
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI3A or CCI3B input, compare: Out3 output
P4.4/TB4
40
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI4A or CCI4B input, compare: Out4 output
P4.5/TB5
41
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI5A or CCI5B input, compare: Out5 output
P4.6/TB6
42
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI6A or CCI6B input, compare: Out6 output
P4.7/TBCLK
43
I/O
General-purpose digital I/O pin
Timer_B, clock signal TBCLK input
P5.0/STE1
44
I/O
General-purpose digital I/O pin
Slave transmit enable for USART1 in SPI mode
P5.1/SIMO1
45
I/O
General-purpose digital I/O pin
Slave in/master out of USART1 in SPI mode
P5.2/SOMI1
46
I/O
General-purpose digital I/O pin
Slave out/master in of USART1 in SPI mode
P5.3/UCLK1
47
I/O
General-purpose digital I/O pin
USART1 clock: external input in UART or SPI mode, output in SPI mode
P5.4/MCLK
48
I/O
General-purpose digital I/O pin
Main system clock MCLK output
P5.5/SMCLK
49
I/O
General-purpose digital I/O pin
Submain system clock SMCLK output
P5.6/ACLK
50
I/O
General-purpose digital I/O pin
Auxiliary clock ACLK output
P5.7/TBOUTH
51
I/O
General-purpose digital I/O pin
Switch all PWM digital output ports to high impedance for Timer_B7 (TB0 to TB6)
P6.0
59
I/O
General-purpose digital I/O pin
P6.1
60
I/O
General-purpose digital I/O pin
P6.2
61
I/O
General-purpose digital I/O pin
P6.3
2
I/O
General-purpose digital I/O pin
P6.4
3
I/O
General-purpose digital I/O pin
P6.5
4
I/O
General-purpose digital I/O pin
P6.6
5
I/O
General-purpose digital I/O pin
P6.7
6
I/O
General-purpose digital I/O pin
RST/NMI
58
I
Reset input
Nonmaskable interrupt input port
Bootloader start
TCK
57
I
Test clock, the clock input port for device programming test and bootloader start
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to
TDI/TCLK.
TDO/TDI
54
I/O
Test data output or programming data input
TMS
56
I
Test mode select, used as an input port for device programming and test
DVSS
10
I
Connect to DVSS
Reserved
7
Reserved, do not connect externally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com