công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F147 bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F147
Giải thích chi tiết về linh kiện  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F147 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button MSP430F147 Datasheet HTML 9Page - Texas Instruments MSP430F147 Datasheet HTML 10Page - Texas Instruments MSP430F147 Datasheet HTML 11Page - Texas Instruments MSP430F147 Datasheet HTML 12Page - Texas Instruments MSP430F147 Datasheet HTML 13Page - Texas Instruments MSP430F147 Datasheet HTML 14Page - Texas Instruments MSP430F147 Datasheet HTML 15Page - Texas Instruments MSP430F147 Datasheet HTML 16Page - Texas Instruments MSP430F147 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
13
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Terminal Configuration and Functions
Copyright © 2000–2018, Texas Instruments Incorporated
Table 4-2 describes the signals for the MSP430F14x1 MCUs. See Table 4-1 for the MSP430F13x and
MSP430F14x signal descriptions.
Table 4-2. Signal Descriptions for MSP430F14x1
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
AVCC
64
Analog supply voltage positive terminal
AVSS
62
Analog supply voltage negative terminal
DVCC
1
Digital supply voltage, positive terminal. Supplies all digital parts.
DVSS
63
Digital supply voltage, negative terminal. Supplies all digital parts.
P1.0/TACLK
12
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
P1.1/TA0
13
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: Out0 output
BSL transmit
P1.2/TA1
14
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: Out1 output
P1.3/TA2
15
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI2A input, compare: Out2 output
P1.4/SMCLK
16
I/O
General-purpose digital I/O pin
SMCLK signal output
P1.5/TA0
17
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
P1.6/TA1
18
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
P1.7/TA2
19
I/O
General-purpose digital I/O pin
Timer_A, compare: Out2 output
P2.0/ACLK
20
I/O
General-purpose digital I/O pin
ACLK output
P2.1/TAINCLK
21
I/O
General-purpose digital I/O pin
Timer_A, clock signal at INCLK
P2.2/CAOUT/TA0
22
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0B input
Comparator_A output
BSL receive
P2.3/CA0/TA1
23
I/O
General-purpose digital I/O pin
Timer_A, compare: Out1 output
Comparator_A input
P2.4/CA1/TA2
24
I/O
General-purpose digital I/O pin
Timer_A, compare: Out2 output
Comparator_A input
P2.5/ROSC
25
I/O
General-purpose digital I/O pin
Input for external resistor defining the DCO nominal frequency
P2.6
26
I/O
General-purpose digital I/O pin
P2.7/TA0
27
I/O
General-purpose digital I/O pin
Timer_A, compare: Out0 output
P3.0/STE0
28
I/O
General-purpose digital I/O pin
Slave transmit enable for USART0 in SPI mode
P3.1/SIMO0
29
I/O
General-purpose digital I/O pin
Slave in/master out of USART0 in SPI mode
P3.2/SOMI0
30
I/O
General-purpose digital I/O pin
Slave out/master in of USART0 in SPI mode
P3.3/UCLK0
31
I/O
General-purpose digital I/O
USART0 clock: external input in UART or SPI mode, output in SPI mode
P3.4/UTXD0
32
I/O
General-purpose digital I/O pin
Transmit data out for USART0 in UART mode
P3.5/URXD0
33
I/O
General-purpose digital I/O pin
Receive data in for USART0 in UART mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com