công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SY10E196 bảng dữ liệu(PDF) 2 Page - Micrel Semiconductor

tên linh kiện SY10E196
Giải thích chi tiết về linh kiện  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICREL [Micrel Semiconductor]
Trang chủ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E196 bảng dữ liệu(HTML) 2 Page - Micrel Semiconductor

  SY10E196 Datasheet HTML 1Page - Micrel Semiconductor SY10E196 Datasheet HTML 2Page - Micrel Semiconductor SY10E196 Datasheet HTML 3Page - Micrel Semiconductor SY10E196 Datasheet HTML 4Page - Micrel Semiconductor SY10E196 Datasheet HTML 5Page - Micrel Semiconductor SY10E196 Datasheet HTML 6Page - Micrel Semiconductor SY10E196 Datasheet HTML 7Page - Micrel Semiconductor SY10E196 Datasheet HTML 8Page - Micrel Semiconductor SY10E196 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Precison Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10E196JC
J28-1
Commercial
SY10E196JC
Sn-Pb
SY10E196JCTR(2)
J28-1
Commercial
SY10E196JC
Sn-Pb
SY100E196JI
J28-1
Industrial
SY100E196JI
Sn-Pb
SY100E196JITR(2)
J28-1
Industrial
SY100E196JI
Sn-Pb
SY10E196JZ(3)
J28-1
Commercial
SY10E196JZ with
Matte-Sn
Pb-Free bar-line indicator
SY10E196JZTR(2, 3)
J28-1
Commercial
SY10E196JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100E196JY(3)
J28-1
Industrial
SY100E196JY with
Matte-Sn
Pb-Free bar-line indicator
SY100E196JYTR(2, 3)
J28-1
Industrial
SY100E196JY with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
D1
D0
LEN
VEE
IN
VBB
IN
FTUNE
NC
VCC
VCCO
Q
VCCO
Q



Html Pages

1 2 3 4 5 6 7 8 9 10