công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F48SA28025 bảng dữ liệu(PDF) 1 Page - Delta Electronics, Inc.

tên linh kiện F48SA28025
Giải thích chi tiết về linh kiện  Delphi Series F48SA, 700W Full Brick Family DC/DC Power Module: 48Vin, 28Vout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

F48SA28025 bảng dữ liệu(HTML) 1 Page - Delta Electronics, Inc.

  F48SA28025 Datasheet HTML 1Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 2Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 3Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 4Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 5Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 6Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 7Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 8Page - Delta Electronics, Inc. F48SA28025 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
High efficiency: 91.5% @ 28V/25A
Industry standard size and pinout:
61.0 x 116.8 x 12.7mm (2.40”x 4.60”x 0.50”)
Fixed frequency operation
Remote sense
Input UVLO, Output OCP, OVP & OTP
Auxiliary bias power
Basic insulation
2250V isolation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) recognized, and
TUV (EN60950) certified
CE mark meets 73/23/EEC and 93/68/EEC
directive
Delphi Series F48SA, 700W Full Brick Family
DC/DC Power Module: 48Vin, 28Vout
The Delphi Series F48SA, 48V input, single output, full brick sized
isolated DC/DC converter is the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics,
Inc. The Delphi F48SA series provides up to 700 watts of power or
up to 25A of output current. This product family operates from a wide
input range of 36V to 75V. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. All models
are protected from abnormal input/output voltage and current
conditions, and feature 2250V input/output isolation and basic
insulation. An optional heatsink is available for extended operation.
OPTIONS
Negtive On/Off logic
Heatsink for extended operation
Output current monitoring
Delayed overcurrent shutdown
Parallel operation using forced
current sharing
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
DATASHEET
DS_F48SA28025_06062006


Số phần tương tự - F48SA28025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
More results

Mô tả tương tự - F48SA28025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
V48A28C500B VICOR-V48A28C500B Datasheet
150Kb / 8P
48Vin / 28Vout / 500Watts DC-DC Converter Module
V48C28C150B VICOR-V48C28C150B Datasheet
145Kb / 8P
48Vin / 28Vout / 150Watts DC-DC Converter Module
logo
Delta Electronics, Inc.
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com