| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB011D bảng dữ liệu(PDF) 38 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB011D bảng dữ liệu(HTML) 38 Page - ATMEL Corporation |
|
38 / 52 page ![]() 38 3639B–DFLASH–02/07 AT45DB011D [Preliminary] 21.6 Reset Timing Note: The CS signal should be in the high state before the RESET signal is deasserted. 21.7 Command Sequence for Read/Write Operations for Page Size 256 Bytes (Except Status Register Read, Manufacturer and Device ID Read) 21.8 Command Sequence for Read/Write Operations for Page Size 264 Bytes (Except Status Register Read, Manufacturer and Device ID Read) CS SCK RESET SO (OUTPUT) HIGH IMPEDANCE HIGH IMPEDANCE SI (INPUT) tRST tREC tCSS SI (INPUT) CMD 8 bits 8 bits 8 bits Page Address (A16 - A8) X X X X X X X X X X X X X X X X LSB X X X X X X X X Byte/Buffer Address (A7 - A0/BFA7 - BFA0) MSB 7 Don’t Care Bits Page Address (PA8 - PA0) Byte/Buffer Address (BA8 - BA0/BFA8 - BFA0) SI (INPUT) CMD 8 bits 8 bits 8 bits X X X X X X X X X X X X LSB X X X X X X X X MSB 6 Don’t Care Bits X X X X |