công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB011D bảng dữ liệu(PDF) 14 Page - ATMEL Corporation

tên linh kiện AT45DB011D
Giải thích chi tiết về linh kiện  1-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB011D bảng dữ liệu(HTML) 14 Page - ATMEL Corporation

Back Button AT45DB011D Datasheet HTML 10Page - ATMEL Corporation AT45DB011D Datasheet HTML 11Page - ATMEL Corporation AT45DB011D Datasheet HTML 12Page - ATMEL Corporation AT45DB011D Datasheet HTML 13Page - ATMEL Corporation AT45DB011D Datasheet HTML 14Page - ATMEL Corporation AT45DB011D Datasheet HTML 15Page - ATMEL Corporation AT45DB011D Datasheet HTML 16Page - ATMEL Corporation AT45DB011D Datasheet HTML 17Page - ATMEL Corporation AT45DB011D Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
3639B–DFLASH–02/07
AT45DB011D [Preliminary]
9.1
Sector Protection Register
The nonvolatile Sector Protection Register specifies which sectors are to be protected or unpro-
tected with either the software or hardware controlled protection methods. The Sector Protection
Register contains 4 bytes of data, of which byte locations 0 through 3 contain values that specify
whether sectors 0 through 3 will be protected or unprotected. The Sector Protection Register is
user modifiable and must first be erased before it can be reprogrammed. Table 9-3 illustrates the
format of the Sector Protection Register.
Note:
1. The default value for bytes 0 through 3 when shipped from Atmel® is 00H.
x = don’t care.
Table 9-2.
Sector Protection Register
Sector Number
0 (0a, 0b)
1 to 3
Protected
See Table 9-3
FFH
Unprotected
00H
Table 9-3.
Sector 0 (0a, 0b)
0a
0b
Bit 3, 2
Data
Value
(Page 0-7)
(Page 8-127)
Bit 7, 6
Bit 5, 4
Bit 1, 0
Sectors 0a, 0b Unprotected
00
00
xx
xx
0xH
Protect Sector 0a
11
00
xx
xx
CxH
Protect Sector 0b (Page 8-127)
00
11
xx
xx
3xH
Protect Sectors 0a (Page 0-7), 0b
(Page 8-127)(1)
11
11
xx
xx
FxH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52