| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT43USB355 bảng dữ liệu(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB355 bảng dữ liệu(HTML) 46 Page - ATMEL Corporation |
|
46 / 115 page ![]() 46 AT43USB355 2603G–USB–04/06 The Stop condition provides a Timer Enable/Disable function. The CK down divided modes are scaled directly from the 12 MHz system clock. If the external pin modes are used for Timer/Counter1, transitions on PB1/(T1) will clock the counter even if the pin is configured as an output. This feature can give the user SW control of the counting. 101 CK/1024 1 1 0 External Pin T1, falling edge 1 1 1 External Pin T1, rising edge Table 14. Clock 1 Prescale Select (Continued) CS12 CS11 CS10 Description |