| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB021B-CU bảng dữ liệu(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-CU bảng dữ liệu(HTML) 15 Page - ATMEL Corporation |
|
15 / 32 page ![]() 15 1937J–DFLSH–9/05 AT45DB021B 9. AC Waveforms Two different timing diagrams are shown below. Waveform 1 shows the SCK signal being low when CS makes a high-to-low transition, and Waveform 2 shows the SCK signal being high when CS makes a high-to-low transition. Both waveforms show valid timing diagrams. The setup and hold times for the SI signal are referenced to the low-to-high transition on the SCK signal. Waveform 1 shows timing that is also compatible with SPI Mode 0, and Waveform 2 shows tim- ing that is compatible with SPI Mode 3. 9.1 Waveform 1 – Inactive Clock Polarity Low and SPI Mode 0 9.2 Waveform 2 – Inactive Clock Polarity High and SPI Mode 3 CS SCK SI SO tCSS VALID IN tH tSU tWH tWL tCSH tCS tV HIGH IMPEDANCE VALID OUT tHO tDIS HIGH IMPEDANCE CS SCK SI SO tCSS VALID IN tH tSU tWL tWH tCSH tCS tV HIGH Z VALID OUT tHO tDIS HIGH IMPEDANCE |