| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45DB021B-CU bảng dữ liệu(PDF) 11 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021B-CU bảng dữ liệu(HTML) 11 Page - ATMEL Corporation |
|
11 / 32 page ![]() 11 1937J–DFLSH–9/05 AT45DB021B Note: r = Reserved Bit P = Page Address Bit B = Byte/Buffer Address Bit x = Don’t Care Table 5-6. Detailed Bit-level Addressing Sequence Opcode Opcode Address Byte Address Byte Address Byte Additional Don’t Care Bytes Required 50H 0 1010000r r r r r PPPPPPP x xxxxxxxxxxx N/A 52H 0 1010010r r r r r PPPPPPPP PP BBBBBBBBB 4 Bytes 53H 0 1010011r r r r r PPPPPPPP PP xxxxxxxxx N/A 54H 0 1010100x x xxxxxxxxxxx xx BBBBBBBBB 1 Byte 55H 0 1010101r r r r r PPPPPPPP PP xxxxxxxxx N/A 56H 0 1010110x x xxxxxxxxxxx xx BBBBBBBBB 1 Byte 57H 0 1010111 N/A N/A N/A N/A 58H 0 1011000r r r r r PPPPPPPP PP xxxxxxxxx N/A 59H 0 1011001r r r r r PPPPPPPP PP xxxxxxxxx N/A 60H 0 1100000r r r r r PPPPPPPP PP xxxxxxxxx N/A 61H 0 1100001r r r r r PPPPPPPP PP xxxxxxxxx N/A 68H 0 1101000r r r r r PPPPPPPP PP BBBBBBBBB 4 Bytes 81H 1 0000001r r r r r PPPPPPPP PP xxxxxxxxx N/A 82H 1 0000010r r r r r PPPPPPPP PP BBBBBBBBB N/A 83H 1 0000011r r r r r PPPPPPPP PP xxxxxxxxx N/A 84H 1 0000100x x xxxxxxxxxxx xx BBBBBBBBB N/A 85H 1 0000101r r r r r PPPPPPPP PP BBBBBBBBB N/A 86H 1 0000110r r r r r PPPPPPPP PP xxxxxxxxx N/A 87H 1 0000111x x xxxxxxxxxxx xx BBBBBBBBB N/A 88H 1 0001000r r r r r PPPPPPPP PP xxxxxxxxx N/A 89H 1 0001001r r r r r PPPPPPPP PP xxxxxxxxx N/A D2H 1 1010010r r r r r PPPPPPPP PP BBBBBBBBB 4 Bytes D4H 1 1010100x x xxxxxxxxxxx xx BBBBBBBBB 1 Byte D6H 1 1010110x x xxxxxxxxxxx xx BBBBBBBBB 1 Byte D7H 1 1010111 N/A N/A N/A N/A E8H 1 1101000r r r r r PPPPPPPP PP BBBBBBBBB 4 Bytes |