công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7516EB bảng dữ liệu(PDF) 23 Page - Analog Devices

tên linh kiện EVAL-ADT7516EB
Giải thích chi tiết về linh kiện  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7516EB bảng dữ liệu(HTML) 23 Page - Analog Devices

Back Button EVAL-ADT7516EB Datasheet HTML 19Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 20Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 21Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 22Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 23Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 24Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 25Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 26Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 23 of 44
FUNCTIONAL DESCRIPTION—ANALOG INPUTS
Single-Ended Inputs
The ADT7516/ADT7517/ADT7519 offer four single-ended
analog input channels. The analog input range is from 0 V to
2.28 V, or 0 V to VDD. To maintain the linearity specification, it
is recommended that the maximum VDD value be set at 5 V.
Selection between the two input ranges is done by Bit C4 of the
Control Configuration 3 register (Address 0x1A). Setting this
bit to 0 sets up the analog input ADC reference to be sourced
from the internal voltage reference of 2.28 V. Setting the bit to 1
sets up the ADC reference to be sourced from VDD.
The ADC resolution is 10 bits and is mostly suitable for dc
input signals. Bits[C1:C2] of the Control Configuration 1
register (Address 0x18) are used to set up Pin 7 and Pin 8 as
AIN1 and AIN2. Figure 48 shows the overall view of the
4-channel analog input path.
M
U
L
T
I
P
L
E
X
E
R
10-BIT
ADC
TO ADC
VALUE
REGISTER
AIN1
AIN2
AIN3
AIN4
Figure 48. Quad Analog Input Path
Converter Operation
The analog input channels use a successive approximation ADC
based on a capacitor DAC. Figure 49 and Figure 50 show simpli-
fied schematics of the ADC. Figure 49 shows the ADC during
acquisition phase. SW2 is closed and SW1 is in Position A.
The comparator is held in a balanced condition and the
sampling capacitor acquires the signal on AIN.
CONTROL
LOGIC
CAP DAC
ACQUISITION
PHASE
SAMPLING
CAPACITOR
COMPARATOR
INT VREF
REF
VDD
AIN
SW1
A
B
SW2
REF/2
Figure 49. ADC Acquisition Phase
CONTROL
LOGIC
CAP DAC
CONVERSION
PHASE
SAMPLING
CAPACITOR
COMPARATOR
INT VREF
REF
VDD
AIN
SW1
A
B
SW2
REF/2
Figure 50. ADC Conversion Phase
When the ADC eventually goes into conversion phase (see
Figure 50), SW2 opens and SW1 moves to Position B, causing
the comparator to become unbalanced. The control logic and
the DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into
a balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code. Figure 51 shows the ADC transfer function for the
analog inputs.
ADC TRANSFER FUNCTION
The output coding of the ADT7516/ADT7517/ADT7519 analog
inputs is straight binary. The designed code transitions occur
midway between successive integer LSB values (that is, 1/2 LSB,
3/2 LSB). The LSB is VDD/1024 or internal VREF/1024, internal
VREF = 2.28 V. The ideal transfer characteristic is shown in
Figure 51.
111...111
111...110
111...000
011...111
+VREF – 1LSB
0V 1/2LSB
ANALOG INPUT
1LSB = INT VREF/1024
1LSB = VDD/1024
000...010
000...001
000...000
Figure 51. Single-Ended Transfer Function
To work out the voltage on any analog input channel, the
following method can be used:
1 LSB = reference (V)/1024
Convert value read back from AIN value register into decimal.
AIN voltage = AIN value (d) × LSB size
where d = decimal.
For example, if internal reference is used, VREF = 2.28 V.
AIN value = 512d
1 LSB size = 2.28 V/1024 = 2.226 × 10−3
AIN voltage = 512 × 2.226 × 10−3 = 1.14 V
Analog Input ESD Protection
Figure 52 shows the input structure on any of the analog input
pins that provide ESD protection. The diode provides the main
ESD protection for the analog inputs. Care must be taken that
the analog input signal never drops below the GND rail by
more than 200 mV. If this happens, the diode becomes forward-
biased and starts conducting current into the substrate. The
4 pF capacitor is the typical pin capacitance and the resistor is a
lumped component made up of the on resistance of the
multiplexer switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com