công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-ADT7516EB bảng dữ liệu(PDF) 22 Page - Analog Devices

tên linh kiện EVAL-ADT7516EB
Giải thích chi tiết về linh kiện  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7516EB bảng dữ liệu(HTML) 22 Page - Analog Devices

Back Button EVAL-ADT7516EB Datasheet HTML 18Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 19Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 20Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 21Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 22Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 23Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 24Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 25Page - Analog Devices EVAL-ADT7516EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 22 of 44
BIAS
DIODE
INTERNAL
SENSE
TRANSISTOR
VDD
TO ADC
VOUT+
VOUT–
I
N × I
IBIAS
Figure 46. Top Level Structure of Internal Temperature Sensor
Table 7. Thermal Voltage Output (0 V to 2 VREF)
O/P Voltage (V)
Default °C
Max °C
Sample °C
0
–40
–128
0
0.25
–26
–114
+14
0.5
+12
–100
+28
0.75
+3
–85
+43
1
+17
–71
+57
1.12
+23
–65
+63
1.47
+43
–45
+83
1.5
+45
–43
+85
2
+73
–15
+113
2.25
+88
0
+127
2.5
+102
+14
UDB1
2.75
+116
+28
UDB1
3
UDB1
+42
UDB1
3.25
UDB1
+56
UDB1
3.5
UDB1
+70
UDB1
3.75
UDB1
+85
UDB1
4
UDB1
+99
UDB1
4.25
UDB1
+113
UDB1
4.5
UDB1
+127
UDB1
1 Upper deadband has been reached. DAC output is not capable of increasing.
See Figure 41.
For negative temperatures,
Offset Register Code (d) = (0 V Temp) + 128
(1)
where D7 of Offset Register Code is set to 1 for negative
temperatures.
For example,
Offset Register Code (d) = −40 + 128 = 88d = 0x58
Since a negative temperature has been inserted into the
equation, DB7 (MSB) of the offset register code is set to 1.
Therefore, 0x58 becomes 0xD8.
0x58 + DB7(1) = 0xD8
For positive temperatures,
Offset Register Code (d) = 0 V Temp
(2)
For example,
Offset Register Code (d) = 10d = 0x0A
The following equation is used to work out the various
temperatures for the corresponding 8-bit DAC output:
8-Bit Temp = (DAC O/P)/1 LSB + (0 V Temp)
(3)
For example, if the output is 1.5 V, VREF-IN = 2.25 V, 8-bit DAC
has an LSB size = 2.25 V/256 = 8.79 × 10–3, and 0 V temp is at
−128°C, then the resultant temperature is
1.5/(8.79 × 10−3) + (−128) = +43°C
The following equation is used to work out the various
temperatures for the corresponding 10-bit DAC output:
10-Bit Temp = [(DAC O/P)/1 LSB] × 0.25 + (0 V Temp)
(4)
For example, if the output is 0.4991 V, VREF-IN = 2.25 V, 10-bit
DAC has an LSB size = 2.25 V/1024 = 2.197 × 10–3, and 0 V
temperature is at −40°C, then the resulting temperature is
[0.4991/(2.197 × 10–3)] × 0.25 + (–40) = +16.75°C
Figure 47 shows a graph of the DAC output vs. temperature for
a VREF-IN = 2.25 V.
TEMPERATURE (°C)
0
0.15
–128 –110 –90 –70 –50 –30 –10 10
30
50
70
90 110 127
0.30
0.45
0.60
0.75
0.90
1.05
1.20
1.35
1.50
1.65
1.80
1.95
2.10
2.25
0V = –128°C
0V = –40°C
0V = 0°C
Figure 47. DAC Output vs. Temperature VREF-IN = 2.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com