công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS643LSHTN-I2-T bảng dữ liệu(PDF) 12 Page - Allegro MicroSystems

tên linh kiện ATS643LSHTN-I2-T
Giải thích chi tiết về linh kiện  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSHTN-I2-T bảng dữ liệu(HTML) 12 Page - Allegro MicroSystems

Back Button ATS643LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 10Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 11Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 12Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 13Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 14Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 15Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Start Mode Hysteresis
. This feature helps to ensure optimal
self-calibration by rejecting electrical noise and low-amplitude
target vibration during initialization. This prevents AGC from
calibrating the sensor on such spurious signals. Calibration can
be performed using the actual target features.
A typical scenario is shown in figure 6. The hysteresis, POHYS,
is a minimum level of the peak-to-peak amplitude of the internal
analog electrical signal, VPROC, that must be exceeded before the
ATS643 starts to compute switchpoints.
Figure 6. Operation of Start Mode Hysteresis
Position 1. At power-on, the ATS643 begins sampling VPROC.
Position 2. At the point where the Start Mode Hysteresis is exceeded, the device begins to establish switching thresholds (BOP and BRP) using the Con-
tinuous Update algorithm. After this point, Start Mode Hysteresis is no longer a consideration. Note that a valid VPROC value exceeding the Start Mode
Hysteresis can be generated either by a legitimate target feature or by excessive vibration.
Position 3. In this example, the first switchpoint transition is through BOP. and the output transitions from high to low.
If the first switchpoint transition had been through BRP (such as position 4), no output transition would occur because IOUT already would be in the high
polarity. The first transition would occur at position 5 (BOP).
BRP(#1)
BOP(#1)
BOP(#2)
1
3
4
5
5
2
1
2
Start Mode Hysteresis, POHYS
Output Signal, IOUT
Sensor Position Relative to Target
Target Magnetic Profile
Differential Signal, VPROC
Target, Gear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com