công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS643LSHTN-I2-T bảng dữ liệu(PDF) 5 Page - Allegro MicroSystems

tên linh kiện ATS643LSHTN-I2-T
Giải thích chi tiết về linh kiện  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSHTN-I2-T bảng dữ liệu(HTML) 5 Page - Allegro MicroSystems

  ATS643LSHTN-I2-T Datasheet HTML 1Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 2Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 3Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 4Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 5Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS643LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Self-Calibrating, Zero-Speed Differential
Gear Tooth Sensor with Continuous Update
ATS643LSH
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Reference Gear Magnetic Profile
Two Tooth-to-Valley Transitions
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0123456789
10
11
12
Gear Rotation (°)
0.50 mm AG
2.00 mm AG
0.50
0.75
1.00
1.25
1.50
1.75
2.00
AG (mm)
Reference Gear Magnetic Gradient Amplitude
with Reference to Air Gap
0
200
400
600
800
1000
1200
1400
1600
1800
AG (mm)
0.5
1
1.5
2
2.5
REFERENCE TARGET, 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Face Width
F
Breadth of tooth, with respect
to sensor
6mm
Circular Tooth Length
t
Length of tooth, with respect
to sensor; measured at Do
3mm
Circular Valley Length
tv
Length of valley, with respect
to sensor; measured at Do
3mm
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
*Differential B corresponds to the calculated difference in the magnetic field as
sensed simultaneously at the two Hall elements in the device (BDIFF = BE1 – BE2).
Reference Target
60-0
of Sensor
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com