| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9713LGEFL/V bảng dữ liệu(PDF) 72 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9713LGEFL/V bảng dữ liệu(HTML) 72 Page - Wolfson Microelectronics plc |
|
72 / 108 page ![]() WM9713L Pre-Production w PP Rev 3.0 June 2006 72 BATTERY ALARM AND ANALOGUE COMPARATORS The battery alarm function differs from battery measurement in that it does not actually measure the battery voltage. Battery alarm only indicates “OK”, “Low” or “Dead”. The advantage of the battery alarm function is that it does not require a clock and can therefore be used in low-power sleep or standby modes. Figure 25 Battery Alarm Example Schematic The typical schematic for a dual threshold battery alarm is shown above. This alarm has two thresholds, “dead battery” (COMP1) and “low battery” (COMP2). R1, R2 and R3 set the threshold voltages. Their values can be up to about 1M Ω in order to keep the battery current [IALARM = VBATT / (R1+R2+R3)] to a minimum (higher resistor values may affect the accuracy of the system as leakage currents into the input pins become significant). Dead battery alarm: COMP1 triggers when VBATT < VREF × (R1+R2+R3) / (R2+R3) A dead battery alarm is the highest priority of interrupt in the system. It should immediately save all unsaved data and shut down the system. The GP15, GS15 and GW15 bits must be set to generate this interrupt. Low battery alarm: COMP2 triggers when VBATT < VREF × (R1+R2+R3) / R3 A low battery alarm has a lower priority than a dead battery alarm. Since the threshold voltage is higher than for a dead battery alarm, there is enough power left in the battery to give the user a warning and/or shut down “gracefully”. When VBATT gets close to the low battery threshold, spurious alarms are filtered out by the COMP2 delay function. The purpose of the capacitor C is to remove from the comparator inputs any high frequency noise or glitches that may be present on the battery (for example, noise generated by a charge pump). It forms a low pass filter with R1, R2 and R3. Low pass cutoff fc [Hz] = 1/ (2 π C × (R1 || (R2+R3))) Provided that the cutoff frequency is several orders of magnitude lower than the noise frequency fn, this simple circuit can achieve excellent noise rejection. Noise rejection [dB] = 20 log (fn / fc) The circuit shown above also allows for measuring the battery voltage VBATT. This is achieved simply by setting the touchpanel ADC input to be either COMP1 (ADCSEL = 100) or COMP2 (ADCSEL = 101) (see also Auxiliary ADC Inputs). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |