| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8976 bảng dữ liệu(PDF) 41 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8976 bảng dữ liệu(HTML) 41 Page - Wolfson Microelectronics plc |
|
41 / 108 page ![]() Pre-Production WM8976 w PP Rev 3.0 April 2006 41 Figure 17 Noise Gate Operation OUTPUT SIGNAL PATH The WM8976 output signal paths consist of digital application filters, up-sampling filters, stereo Hi-Fi DACs, analogue mixers, speaker, stereo headphone and stereo line/mono/midrail output drivers. The digital filters and DAC are enabled by register bits DACENL And DACENR. The mixers and output drivers can be separately enabled by individual control bits (see Analogue Outputs). Thus it is possible to utilise the analogue mixing and amplification provided by the WM8976, irrespective of whether the DACs are enabled or not. The WM8976 DACs receive digital input data on the DACDAT pin. The digital filter block processes the data to provide the following functions: § Digital volume control § Graphic equaliser § Digital peak limiter. § Sigma-Delta Modulation High performance sigma-delta 24-bit audio DAC converts the digital data into an analogue signal. |