| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8718SEDS/R bảng dữ liệu(PDF) 4 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8718SEDS/R bảng dữ liệu(HTML) 4 Page - Wolfson Microelectronics plc |
|
4 / 32 page ![]() WM8718 Production Data w PD Rev 4.3 November 2006 4 PIN CONFIGURATION – 24 LEAD QFN ORDERING INFORMATION – 24 LEAD QFN DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8718GEFL/V -25 to +85 oC 24-lead QFN (Pb-free) MSL3 260°C WM8718GEFL/RV -25 to +85 oC 24-lead QFN (Pb-free, tape and reel) MSL3 260°C Note: Reel quantity = 3,500 |