| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
630000000 bảng dữ liệu(PDF) 13 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
630000000 bảng dữ liệu(HTML) 13 Page - ITT Industries |
|
13 / 23 page ![]() LOCKING RINGS T & TP SERIES FITS 10-48 BUSHING PART NO. 465000201 NICKEL PLATED WITH FLAT 7000, 8020, 8060, 8500, 9000, M, T & TP SERIES FITS 1/4-40 BUSHING PART NO. 700701201 NICKEL PLATED WITH KEYWAY 700701264 BLACK WITH KEYWAY .435 DIA. (11,05Ø) .029 (0,74) .065 (1,65) .435 DIA. (11,05Ø) .029 (0,74) .065 (1,65) PART NO. 465101201 NICKEL PLATED WITH KEYWAY MATERIAL Brass, nickel plated standard. Other finishes available, consult Customer Service Center. 7000, 8500 & 9000 SERIES FITS 15/32 BUSHING PART NO. 707200201 NICKEL PLATED WITH KEYWAY 707200264 BLACK WITH KEYWAY .718 DIA. (18,24Ø) .040 (1,02) .090 (2,29) PART NO. 753700201 NICKEL PLATED WITH KEYWAY 753700264 BLACK WITH KEYWAY PART NO. 757200201 NICKEL PLATED WITH FLAT 757200264 BLACK WITH FLAT 7000, 8020, 8060, 8500, 9000, M, T & TP SERIES FITS 1/4-40 BUSHING 7000, 8020, 8060, 8500, 9000, M, T & TP SERIES FITS 1/4-40 BUSHING .343 DIA. (8,71Ø) .468 DIA. (11,89Ø) .029 (0,74) .082 (2,08) .029 (0,74) .065 (1,65) 7000, 8020 & 8060 SERIES FITS M6P2 METRIC BUSHING PART NO. 791800201 NICKEL PLATED WITH KEYWAY 791800264 BLACK WITH KEYWAY PART NO. 757300201 NICKEL PLATED WITH FLAT 757300264 BLACK WITH FLAT 7000, 8020, 8060, 8500, 9000, M, T & TP SERIES FITS 1/4-40 BUSHING .029 (0,74) .472 DIA. (11,99Ø) .034 (0,86) .065 (1,65) .343 DIA. (8,71Ø) .082 (2,08) T & TP SERIES FITS 10-48 BUSHING .468 DIA. (11,89) .029 (0,74) .065 (1,65) L C&K Hardware L-18 www.ittcannon.com ITT Industries Cannon |