| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
630000000 bảng dữ liệu(PDF) 18 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
630000000 bảng dữ liệu(HTML) 18 Page - ITT Industries |
|
18 / 23 page ![]() MATERIAL Brass, nickel plated standard. Other finishes available, consult Customer Service Center. NUTS (MOUNTING) PART NO. 179090123 YM SERIES RECESSED BRACKET PART NO. 057090100 MATERIAL 6/6 Nylon D & DM SERIES MATERIAL Screws, nuts, lockwashers: Stainless steel. Standoffs: Nylon, standard Aluminum available, consult Customer Service Center. ROCKER AND LEVER HANDLE SWITCH-PANEL MOUNTING HARDWARE SCREW PANEL THICKNESS STAND-OFF LOCKWASHER NUT TYPICAL ASSEMBLY L C&K Hardware L-23 www.ittcannon.com ITT Industries Cannon Panel mounting hardware for rocker and lever handle switches is available separately. Mounting hardware consists of two screws, two nuts, two standoffs and two lockwashers per switch, and is available for panel thicknesses of 1/16, 3/32 and 1/8 inch. See part numbers below. 7000 Series: J1, J2, J54, J64, J94 actuators. T Series: J1, J6 actuators. PART NO. PANEL THK. STANDOFF LENGTH 761101000 1/16 IN. (1,59) .295 (7,49) 761102000 3/32 IN (2,38) .264 (6,71) 761103000 1/8 IN. (3,18) .233 (5,92) 7000 & 9000 Series: J4, J5 actuators. PART NO. PANEL THK. STANDOFF LENGTH 775001000 1/16 IN. (1,59) .375 99,53) 775002000 3/32 IN (2,38) .344 (8,74) 775003000 1/8 IN. (3,18) .312 (7,92) 9000 Series: J1, J2, J3, J50, J60, J90 actuators. 7000 Series: J3 actuators. PART NO. PANEL THK. STANDOFF LENGTH 770601000 1/16 IN. (1,59) .295 (7,49) 770602000 3/32 IN (2,38) .264 (6,71) 770603000 1/8 IN. (3,18) .233 (5,92) 7000 & 9000 Series: J10 actuators. PART NO. PANEL THK. STANDOFF LENGTH 770701000 1/16 IN. (1,59) .295 (7,49) 770702000 3/32 IN (2,38) .264 (6,71) 770703000 1/8 IN. (3,18) .233 (5,92) |