công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ME03 bảng dữ liệu(PDF) 25 Page - Schneider Electric

tên linh kiện ME03
Giải thích chi tiết về linh kiện  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ME03 bảng dữ liệu(HTML) 25 Page - Schneider Electric

Back Button ME03 Datasheet HTML 21Page - Schneider Electric ME03 Datasheet HTML 22Page - Schneider Electric ME03 Datasheet HTML 23Page - Schneider Electric ME03 Datasheet HTML 24Page - Schneider Electric ME03 Datasheet HTML 25Page - Schneider Electric ME03 Datasheet HTML 26Page - Schneider Electric ME03 Datasheet HTML 27Page - Schneider Electric ME03 Datasheet HTML 28Page - Schneider Electric ME03 Datasheet HTML 29Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
25
10/02
© 2001-2002 Schneider Electric All Rights Reserved
GV2 AUXILIARY CONTACT SPECIFICATIONS
Type
Instantaneous Auxiliary Contacts
GVAN, GVAD
Fault Signalling Contacts
GV2AD, GV2 AM11
Rated insulation voltage (Ui)
(associated insulation coordination)
conforming to IEC 60947-1
V690
690
to CSA C22.2 No. 14 and UL 508
V
600
300
Conventional rated thermal current
(Ith)
conforming to IEC 60947-5-1
A6
2.5
to CSA C22.2 No. 14 and UL 508
A
5
1
Mechanical life
(ops: closing-opening)
ops
100 000
1000
Operational power and current
conforming to IEC 60947-5-1
a.c. operation
AC-15/100 000 ops
AC-14/1000 ops
Rated operational voltage (Ue)
V
48
110
127
230
240
380
415
440
500
690
24
48
110
127
230
240
Operational power, normal conditions
VA
300
500
720
850
650
500
400
36
48
72
72
Occasional breaking and making
capacities, abnormal conditions
VA
3000
7000
13 000
15 000
13 000
12 000
9000
220
300
450
450
Rated operational current (Ie)
A
6
4.5
3.3
2.2
1.5
1
0.6
1.5
1
0.5
0.3
Operational power and current
conforming to IEC 60947-5-1
d.c. operation
DC-13/100 000 ops
DC-13/1000 ops
Rated operational voltage (Ue)
V
24
48
60
110
240 (1)
–
–
24
48
60
–
Operational power, normal conditions
W
140
240
180
140
120
–
–
24
15
9
–
Occasional breaking and making
capacities, abnormal conditions
W
240
360
240
210
180
–
–
100
50
50
–
Rated operational current (Ie)
A
6
5
3
1.3
0.5
–
–
1
0.3
0.15
–
Minimum operational conditions
d.c. operation
V17
mA
5
Short circuit protection
By GB2CB•• circuit breaker (rating according to operational current for Ue = 415 V)
or by gG fuse 10 A max (or equivalent).
Wiring (screw clamp)
Min
Max
Number of conductors and cross
sectional area (c.s.a.)
Solid cable
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Flexible cable with cable end
1-#18 to #14 AWG (0.75-1.5 mm2)
2-#18 to #14 AWG (0.75-1.5 mm2)
Wiring (spring terminal)
Min (GVAN only)
Max (GVAN only)
Flexible cable without cable end
1-#18 to #12 AWG (0.75-2.5 mm2)
2-#18 to #12 AWG (0.75-2.5 mm2)
Tightening torque
12 lb-in (1.4 N•m) max
(1) Add an RC circuit type LA4 D to the load terminals, see Square D Digest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com