công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ME03 bảng dữ liệu(PDF) 18 Page - Schneider Electric

tên linh kiện ME03
Giải thích chi tiết về linh kiện  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHNEIDER [Schneider Electric]
Trang chủ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ME03 bảng dữ liệu(HTML) 18 Page - Schneider Electric

Back Button ME03 Datasheet HTML 14Page - Schneider Electric ME03 Datasheet HTML 15Page - Schneider Electric ME03 Datasheet HTML 16Page - Schneider Electric ME03 Datasheet HTML 17Page - Schneider Electric ME03 Datasheet HTML 18Page - Schneider Electric ME03 Datasheet HTML 19Page - Schneider Electric ME03 Datasheet HTML 20Page - Schneider Electric ME03 Datasheet HTML 21Page - Schneider Electric ME03 Datasheet HTML 22Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Accessories Selection
© 2001-2002 Schneider Electric All Rights Reserved
18
10/02
Add-On Auxiliary Contacts
Add-on auxiliary contacts provide remote indication of the starter contact state. They can be used for
signalling, electrical locking, or relaying. Two versions are available: standard and low level. The
auxiliary contacts include a terminal block. A hole is provided for wiring exit.
An auxiliary contact can perform any of the following functions, depending on where it is located in the
starter:
Location
Function
Application
1
N.O./N.C. contact
Indicates the position of the starter poles.
2
Trip indication
Indicates that the starter has tripped due to an overload, short-circuit, differential fault, operation of a voltage
release (under voltage or shunt release), or by the “push to trip” button. It resets when the starter is reset.
3
Electrical fault
indication
Indicates that the starter has tripped due to an overload, short-circuit, or differential fault. It resets when the starter
is reset.
4
N.O./N.C. Contact
Indicates the position of the starter poles.
Type
Voltage
Catalog Number
Weight / kg (lbs)
Standard
–
GV7AE11
0.015 (0.03)
Low level
–
GV7AB11
0.015 (0.03)
GV7RE, RS
GV7AE11, AB11
GV7AU, AS
GV7AD••
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com