| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
413502000 bảng dữ liệu(PDF) 14 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
413502000 bảng dữ liệu(HTML) 14 Page - ITT Industries |
|
14 / 23 page ![]() LOCKWASHERS FITS 10-48 BUSHING FITS 15/32 BUSHING FITS 1/4-40 BUSHING .310 (7,87) .593 (15,06) .402 (10,21) .018 THK. (0,46) .018 THK. (0,46) .021 THK. (0,53) 465200202 NICKEL PLATED PART NO. 700302202 700302264 NICKEL PLATED BLACK PART NO. 700303202 700303264 NICKEL PLATED BLACK PART NO. PART NO. 175050200 MATERIAL Steel; Finish: Zinc plate A, BY, GY, H, W, Y & YL SERIES FITS 3/4 DIA. BUSHING NICKEL PLATED 1.010 (25,65) .615 (15,62) 1.150 (29,21) .100 (2,54) .250 (6,36) .030 (0,76) PART NO. 175050300 MATERIAL Steel; Finish: Nickel or bright zinc plate MOUNTING CLIP PART NO. 472800202 MATERIAL Steel; Finish: Zinc plate A SERIES FITS 3/8 DIA. THREAD MATERIAL Steel, nickel plated standard. Other finishes available, consult Customer Service Center. A, BY, GY, H, P, W, Y & YL SERIES L C&K Hardware L-19 www.ittcannon.com ITT Industries Cannon |