| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
413502000 bảng dữ liệu(PDF) 11 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
413502000 bảng dữ liệu(HTML) 11 Page - ITT Industries |
|
11 / 23 page ![]() KEYS PART NO. (ONE KEY) 115140126 MATERIAL Brass; Finish: Nickel plate PART NO. (ONE KEY) 11599112601 11599112602 11599112603 11599112600 MATERIAL Brass; Finish: Nickel plate; 6/6 Nylon insert molded head WHITE BLACK RED BEIGE FOR SERIES A, H, P, W, Y, YL Key Code: A126 FOR SERIES A, H, P, W, Y, YL Key Code: A126 PART NO. (ONE KEY) 115441001 MATERIAL Brass; Finish: Nickel plate FOR SERIES A, BY, GY, H, Y, YL Key Code: D001 PART NO. (ONE KEY) 11622100101 11622100102 11622100103 11622100100 MATERIAL Brass; Finish: Nickel plate; 6/6 Nylon insert molded head WHITE BLACK RED BEIGE FOR SERIES A, BY, GY, H, Y, YL Key Code: D001 4 TUMBLER 5 TUMBLER 4 TUMBLER 5 TUMBLER PART NO. (ONE KEY) 1110801 MATERIAL Zinc alloy; Finish: Chrome plate A, H, W, Y & YL SERIES KEY CODE: AAAA PART NO. (ONE KEY) 16916004101 16916004102 16916004103 16916004100 MATERIAL Brass; Finish: Nickel plate; 6/6 Nylon insert molded head PF, PL & PM SERIES KEY CODE: 041 WHITE BLACK RED BEIGE PART NO. (ONE KEY) 119091029 MATERIAL Brass; Finish: Nickel plate YF & YM SERIES KEY CODE: 0029 PART NO. (ONE KEY) 11630CKBYST MATERIAL Zinc alloy; Finish: Chrome plate BY, GY SERIES KEY CODE: 3434 PART NO. (ONE KEY) 16564112601 16564112602 16564112603 16564112600 MATERIAL Brass; Finish: Nickel plate; 6/6 Nylon insert molded head WHITE BLACK RED BEIGE A, BY, H, P, W, Y & YL SERIES Key Code: A126 PART NO. (ONE KEY) 5.58004.7210000 RAFI LUMOTAST 75 PART NO. (ONE KEY) 5.58007.0010000 RAFIX 16 INSERT D SERIES PART NO. 057190200 MATERIAL Zinc nylon 6/6 Finish: Matte L C&K Hardware L-16 www.ittcannon.com ITT Industries Cannon |