công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2F23C8ES bảng dữ liệu(PDF) 25 Page - Intel Corporation

tên linh kiện 5CEBA2F23C8ES
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES bảng dữ liệu(HTML) 25 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 21Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 22Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 23Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 24Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 25Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 27Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
External Memory Performance
Table 20.
External Memory Interface Performance in Cyclone V Devices
The maximum and minimum operating frequencies depend on the memory interface standards and the
supported delay-locked loop (DLL) frequency listed in the device datasheet.
Interface
Voltage
(V)
Maximum Frequency (MHz)
Minimum Frequency
(MHz)
Hard Controller
Soft Controller
DDR3 SDRAM
1.5
400
303
303
1.35
400
303
303
DDR2 SDRAM
1.8
400
300
167
LPDDR2 SDRAM
1.2
333
300
167
Related Information
External Memory Interface Spec Estimator
For the latest information and to estimate the external memory system
performance specification, use Intel's External Memory Interface Spec Estimator
tool.
HPS External Memory Performance
Table 21.
HPS External Memory Interface Performance
The hard processor system (HPS) is available in Cyclone V SoC devices only.
Interface
Voltage (V)
HPS Hard Controller (MHz)
DDR3 SDRAM
1.5
400
1.35
400
DDR2 SDRAM
1.8
400
LPDDR2 SDRAM
1.2
333
Related Information
External Memory Interface Spec Estimator
For the latest information and to estimate the external memory system
performance specification, use Intel's External Memory Interface Spec Estimator
tool.
Low-Power Serial Transceivers
Cyclone V devices deliver the industry’s lowest power 6.144 Gbps transceivers at an
estimated 88 mW maximum power consumption per channel. Cyclone V transceivers
are designed to be compliant with a wide range of protocols and data rates.
Transceiver Channels
The transceivers are positioned on the left outer edge of the device. The transceiver
channels consist of the physical medium attachment (PMA), physical coding sublayer
(PCS), and clock networks.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com