công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2F23C8ES bảng dữ liệu(PDF) 17 Page - Intel Corporation

tên linh kiện 5CEBA2F23C8ES
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES bảng dữ liệu(HTML) 17 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 13Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 14Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 15Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 16Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 17Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 18Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 19Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 20Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Resource
Member Code
D5
D6
Receiver
72
72
PCIe Hard IP Block
2
2
FPGA Hard Memory Controller
1
1
HPS Hard Memory Controller
1
1
Arm Cortex-A9 MPCore Processor
Dual-core
Dual-core
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 15.
Package Plan for Cyclone V ST Devices
•
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-
specific I/O pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
•
Transceiver counts shown are for transceiver ≤5 Gbps . 6 Gbps transceiver channel count support depends
on the package and channel usage. For more information about the 6 Gbps transceiver channel count,
refer to the Cyclone V Device Handbook Volume 2: Transceivers.
Member Code
F896
(31 mm)
FPGA GPIO
HPS I/O
XCVR
D5
288
181
9 (11)
D6
288
181
9 (11)
Related Information
6.144-Gbps Support Capability in Cyclone V GT Devices, Cyclone V Device Handbook
Volume 2: Transceivers
Provides more information about 6 Gbps transceiver channel count.
(11) If you require CPRI (at 4.9152 Gbps) and PCIe Gen2 transmit jitter compliance, Intel
recommends that you use only up to seven full-duplex transceiver channels for CPRI, and up
to six full-duplex channels for PCIe Gen2. The CMU channels are not considered full-duplex
channels.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com