| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 365 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 365 Page - SIMCom |
|
365 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 365 2015-08-03 20.10 IP Commands Please refer to SIM800 Series_IP_Application Note.doc. Chapter 3.1 describles how to config bearer contexts of HTTP and FTP applications. 20.11 PING Commands Demonstration Syntax Expect Result Ping Request AT+CGATT? AT+CSTT=”CMNET” AT+CIICR AT+CIFSR AT+CIPPING="www. google.cn" +CGATT: 1 OK OK OK 10.78.245.128 +CIPPING:1,"203.208.37.99 ",70,239 +CIPPING:2,"203.208.37.99 ",53,238 +CIPPING:3,"203.208.37.99 ",60,239 +CIPPING:4,"203.208.37.99 ",50,239 OK Other Device Ping To The Module On the Modem: AT+CGATT? AT+CSTT=”CMNET” AT+CIPBEIPING=1 (If on 6252 platform, don’t need this at) AT+CIICR AT+CIFSR On the Other Device: AT+CIPPING="10.78. On the Modem: +CGATT: 1 OK OK OK OK 10.78.245.128 On the Other Device: +CIPPING:1,"10.78.25.18",7 |