| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 327 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 327 Page - SIMCom |
|
327 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 327 2015-08-03 4 Unrecognized Parameter Saving Mode NO_SAVE Max Response Time 5s Reference Note This command is valid only when it is not allowed to edit MMS and the buffer for MMS will be clear up. So it is recommended to save the MMS in the buffer before receiving MMS. The received MMS is just saved in the buffer but not saved in the flash. 15.2.19 AT+CMMSUA Set User Agent AT+CMMSUA Set User Agent Response +CMMSUA: "UserAgent" OK Test Command AT+CMMSUA=? Parameters See Write Command Response +CMMSUA: <UA> OK Read Command AT+CMMSUA? Parameter See Write Command Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSUA=<U A> Parameters <UA> string type user agent name Parameter Saving Mode AT+CMMSSCONT Max Response Time - Reference Note |