| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 318 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 318 Page - SIMCom |
|
318 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 318 2015-08-03 Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSDELFI LE=<fileIndex> Parameters <fileIndex> The index of the file to be deleted in the MMS. Refer to "+CMMSVIEW" Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command is valid when it is allowed to edit MMS 15.2.8 AT+CMMSSEND Start MMS Sending AT+CMMSSEND Start MMS Sending Test Command AT+CMMSSEND= ? Response +CMMSSEND: "ADDRESS" OK Response OK or ERROR or +CME ERROR: <err> Write Command AT+CMMSSEND= <address> Parameters <address> a string parameter which indicates address of recipients. Execution Command AT+CMMSSEND Response OK or ERROR or +CME ERROR: <err> Parameter Saving Mode NO_SAVE Max Response Time AT+CMMSTIMEOUT Reference Note It is not allowed to input <address> when it not allowed to edit MMS |