| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 297 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 297 Page - SIMCom |
|
297 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 297 2015-08-03 Response DOWNLOAD OK If error is related to ME functionality: ERROR Write Command AT+SMTPBODY=< length> ,then type data as Email body. When body’s length equal length, command is over! Parameters <length> The length of Email body. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note If the Email charset is not ASCII, the body of Email must be in hexadecimal format. After urc string "DOWNLOAD", User can input email’s body. 14.2.9 AT+SMTPFILE Set the Email Attachment AT+SMTPFILE Set the Email Attachment Response +SMTPFILE: (range of <fileType>s),<fileNameLength>,(range of <encodeType>s) OK Test Command AT+SMTPFILE=? Parameters See Write Command Response +SMTPFILE: <fileType>,<fileName>,<encodeType> OK Read Command AT+SMTPFILE? Parameter See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPFILE=<fi leType>[,<fileName> ,<encodeType>] Parameters <fileType> The type of the Email attachment. 0 no attachment 1 attach a txt file |