| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 268 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 268 Page - SIMCom |
|
268 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 268 2015-08-03 12.2.4 AT+FTPPUTOPT Set FTP Put Type AT+FTPPUTOPT Set FTP Put Type Test Command AT+FTPPUTOP T=? Response OK Response +FTPPUTOPT: <value> OK Read Command AT+FTPPUTOP T? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+FTPPUTOP T=<value> Parameters <value> "APPE" For appending file "STOU" For storing unique file "STOR" For storing file Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 12.2.5 AT+FTPCID Set FTP Bearer Profile Identifier AT+FTPCID Set FTP Bearer Profile Identifier Response OK Test Command AT+FTPCID=? Parameters See Write Command Response +FTPCID: <value> OK Read Command AT+FTPCID? Parameter See Write Command |