| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 242 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 242 Page - SIMCom |
|
242 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 242 2015-08-03 =<mode> ERROR Parameters <mode> A numeric parameter which indicates whether to display transfer protocol in IP header to received data or not 0 Not display transfer protocol 1 Display transfer protocol, the format is "+IPD, <data size>,<TCP/UDP>:<data>" Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command will be effective only in single connection mode (+CIPMUX=0). Only when +CIPHEAD is set to 1, the setting of this command will work. 8.2.25 AT+CIPUDPMODE UDP Extended Mode AT+CIPUDPMODE UDP Extended Mode Response 1) For single IP connection (+CIPMUX=0) +CIPUDPMODE: (0-2),("(0-255).(0-255).(0-255).(0-255)"),(1-65535) OK 2) For multi IP connection (+CIPMUX=1) +CIPUDPMODE: (0-5),(0-2),("(0-255).(0-255).(0-255).(0-255)"),(1-65535) OK Test Command AT+CIPUDPMOD E=? Parameters See Write Command Read Command AT+CIPUDPMOD E? Response 1) For single IP connection (+CIPMUX=0) +CIPUDPMODE: <mode>[,<IP address>,<Port>] OK 2) For multi IP connection (+CIPMUX=1) +CIPUDPMODE: 0, <mode>[,<IP address>,<Port>] +CIPUDPMODE: 1,<mode>[,<IP address>,<Port>] +CIPUDPMODE: 2,<mode>[,<IP address>,<Port>] +CIPUDPMODE: 3,<mode>[,<IP address>,<Port>] +CIPUDPMODE: 4,<mode>[,<IP address>,<Port>] +CIPUDPMODE: 5,<mode>[,<IP address>,<Port>] |