| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 218 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 218 Page - SIMCom |
|
218 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 218 2015-08-03 1 Registered, home network. 2 Not registered, but MT is currently trying to attach or searching an operator to register to. The GPRS service is enabled, but an allowable PLMN is currently not available. The UE will start a GPRS attach as soon as an allowable PLMN is available. 3 Registration denied, The GPRS service is disabled, the UE is not allowed to attach for GPRS if it is requested by the user. 4 Unknown 5 Registered, roaming <lac> String type (string should be included in quotation marks); two byte location area code in hexadecimal format (e.g. "00C3" equals 195 in decimal) <ci> String type (string should be included in quotation marks); two bytes cell ID in hexadecimal format Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 7.2.11 AT+CGSMS Select Service for MO SMS Messages AT+CGSMS Select Service for MO SMS Messages Response +CGSMS: (list of currently available <service>s) OK Test Command AT+CGSMS=? Parameters See Write Command Response +CGSMS: <service> OK Read Command AT+CGSMS? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CGSMS=<se rvice> Parameters <service> A numeric parameter which indicates the service or service preference to be used |