| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 203 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 203 Page - SIMCom |
|
203 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 203 2015-08-03 Parameters See Write Command Response OK ERROR Write Command AT+SNDLEVEL= <mode>,<soundle vel> Parameters <mode> 0 adjust the sound level of STTONE and SIMTONE 1 adjust the sound level of CLDTMF <soundlevel> 0-100 Integer type value with manufacturer specific range (smallest value represents the lowest sound level). Reference Note 6.2.74 AT+ECHARGE Charge Control AT+ECHARGE Charge Control Response +ECHARGE: (0-1) OK Test Command AT+ECHARGE= ? Parameters See Write Command Response +ECHARGE: <n> OK Read Command AT+ECHARGE? Parameters See Write Command Response OK ERROR Write Command AT+ECHARGE= <n> Parameters <n> 0 Disable charge 1 Enable charge Parameter Saving Mode AT&W_SAVE Reference Note |