| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800 bảng dữ liệu(PDF) 197 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 bảng dữ liệu(HTML) 197 Page - SIMCom |
|
197 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 197 2015-08-03 Mode Max Response Time - Reference Note A group of parameters <freq1>, <freq2>, <periodOn>, <periodOff>, <nextIndex> is used to define a tone. The index is defined from 0 to 4.AT+SIMTONEX supports up to five tone and the tones will play cyclically according the order specified by <nextIndex>. For example, with "AT+SIMTONEX=1,10000,800,0,500,10,2,2000,0,500,100, 2600,0,500,10,1,1700,0,500,10,4,2200,0,600,100,0",the order is 800-> 2600->2000->1700->2200->800 and so on. This command support play in call, but the <duration> is limited to 10s. 6.2.66 AT+CROAMING Roaming State AT+CROAMING Roaming State Response +CROAMING: <state> OK Execution Command AT+CROAMIN G Parameters <state> 0 Home network 1 International network(different mcc) 2 Other network(different mnc but same operator) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.67 AT+CNETSCAN Perform a Net Survey to Show All the Cells’ Information AT+CNETSCAN Perform a Net Survey to Show All the Cells’ Information Response +CNETSCAN: (list of supported <format>s) OK Test Command AT+CNETSCA N=? Parameters See Write Command Read Command AT+CNETSCA N? Response +CNETSCAN: <format> |