công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2F15C7ES bảng dữ liệu(PDF) 30 Page - Intel Corporation

tên linh kiện 5CEBA2F15C7ES
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F15C7ES bảng dữ liệu(HTML) 30 Page - Intel Corporation

Back Button 5CEBA2F15C7ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 27Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 30Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 31Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 32Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 33Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
HPS–FPGA AXI Bridges
The HPS–FPGA bridges, which support the Advanced Microcontroller Bus Architecture
(AMBA®) Advanced eXtensible Interface (AXI™) specifications, consist of the following
bridges:
•
FPGA-to-HPS AXI bridge—a high-performance bus supporting 32, 64, and 128 bit
data widths that allows the FPGA fabric to issue transactions to slaves in the HPS.
•
HPS-to-FPGA AXI bridge—a high-performance bus supporting 32, 64, and 128 bit
data widths that allows the HPS to issue transactions to slaves in the FPGA fabric.
•
Lightweight HPS-to-FPGA AXI bridge—a lower latency 32 bit width bus that allows
the HPS to issue transactions to slaves in the FPGA fabric. This bridge is primarily
used for control and status register (CSR) accesses to peripherals in the FPGA
fabric.
The HPS–FPGA AXI bridges allow masters in the FPGA fabric to communicate with
slaves in the HPS logic, and vice versa. For example, the HPS-to-FPGA AXI bridge
allows you to share memories instantiated in the FPGA fabric with one or both
microprocessors in the HPS, while the FPGA-to-HPS AXI bridge allows logic in the
FPGA fabric to access the memory and peripherals in the HPS.
Each HPS–FPGA bridge also provides asynchronous clock crossing for data transferred
between the FPGA fabric and the HPS.
HPS SDRAM Controller Subsystem
The HPS SDRAM controller subsystem contains a multiport SDRAM controller and DDR
PHY that are shared between the FPGA fabric (through the FPGA-to-HPS SDRAM
interface), the level 2 (L2) cache, and the level 3 (L3) system interconnect. The
FPGA-to-HPS SDRAM interface supports AMBA AXI and Avalon® Memory-Mapped
(Avalon-MM) interface standards, and provides up to six individual ports for access by
masters implemented in the FPGA fabric.
To maximize memory performance, the SDRAM controller subsystem supports
command and data reordering, deficit round-robin arbitration with aging, and
high-priority bypass features. The SDRAM controller subsystem supports DDR2, DDR3,
or LPDDR2 devices up to 4 Gb in density operating at up to 400 MHz (800 Mbps data
rate).
FPGA Configuration and Processor Booting
The FPGA fabric and HPS in the SoC are powered independently. You can reduce the
clock frequencies or gate the clocks to reduce dynamic power, or shut down the entire
FPGA fabric to reduce total system power.
You can configure the FPGA fabric and boot the HPS independently, in any order,
providing you with more design flexibility:
•
You can boot the HPS independently. After the HPS is running, the HPS can fully or
partially reconfigure the FPGA fabric at any time under software control. The HPS
can also configure other FPGAs on the board through the FPGA configuration
controller.
•
You can power up both the HPS and the FPGA fabric together, configure the FPGA
fabric first, and then boot the HPS from memory accessible to the FPGA fabric.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com