công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2F15C7ES bảng dữ liệu(PDF) 9 Page - Intel Corporation

tên linh kiện 5CEBA2F15C7ES
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F15C7ES bảng dữ liệu(HTML) 9 Page - Intel Corporation

Back Button 5CEBA2F15C7ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 9Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 10Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 11Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 12Page - Intel Corporation 5CEBA2F15C7ES Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Resource
Member Code
C3
C4
C5
C7
C9
LVDS
Transmitter
52
84
84
120
140
Receiver
52
84
84
120
140
PCIe Hard IP Block
1
2
2
2
2
Hard Memory Controller
1
2
2
2
2
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 7.
Package Plan for Cyclone V GX Devices
Member
Code
M301
(11 mm)
M383
(13 mm)
M484
(15 mm)
U324
(15 mm)
U484
(19 mm)
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
C3
—
—
—
—
—
—
144
3
208
3
C4
129
4
175
6
—
—
—
—
224
6
C5
129
4
175
6
—
—
—
—
224
6
C7
—
—
—
—
240
3
—
—
240
6
C9
—
—
—
—
—
—
—
—
240
5
Member
Code
F484
(23 mm)
F672
(27 mm)
F896
(31 mm)
F1152
(35 mm)
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
C3
208
3
—
—
—
—
—
—
C4
240
6
336
6
—
—
—
—
C5
240
6
336
6
—
—
—
—
C7
240
6
336
9
480
9
—
—
C9
224
6
336
9
480
12
560
12
Cyclone V GT
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V GT devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
Related Information
Product Selector Guide
Provides the latest information about Intel products.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com