| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
97-607 bảng dữ liệu(PDF) 7 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-607 bảng dữ liệu(HTML) 7 Page - Laird Tech Smart Technology |
|
7 / 64 page ![]() 1.5 www.lairdtech.com All dimensions shown are in inches (millimeters) unless otherwise specified. PART NUMBER CROSS REFERENCE # PART NO. PRODUCT SIZE PAGE NO. 77-070 SLOT MOUNT SERIES 16 (406.400) LENGTH Page 2-2 77-071 LOW PROFILE HOOK-ON 16.2 (411.480) LENGTH Page 2-13 77-072 LOW PROFILE HOOK-ON 16.2 (411.480) LENGTH Page 2-13 77-075 DUAL SLOT SERIES 16 (406.400) LENGTH Page 2-3 77-076 SLOT MOUNT SERIES SINGLE FINGER 0.340 (8.636) Page 2-2 77-077 COMPACT PCI SYMMETRICAL MOUNT 16 (406.400) LENGTH Page 2-4 77-078 NO SNAG GASKET 24 (609.600) LENGTH Page 2-6 77-079 NO SNAG GASKET 16 (406.400) LENGTH Page 2-6 77-081 NO SNAG GASKET 24 (609.600) LENGTH Page 2-6 77-082 NO SNAG GASKET 24 (609.600) LENGTH Page 2-6 77-083 NO SNAG GASKET 16 (406.400) LENGTH Page 2-6 77-084 NO SNAG GASKET 16 (406.400) LENGTH Page 2-6 77-085 NO SNAG GASKET 18 (457.200) LENGTH Page 2-6 77-086 NO SNAG GASKET 16 (406.000) LENGTH Page 2-6 77-087 SLOT MOUNT SERIES SEVEN FINGERS 1.291 (32.791) Page 2-2 77-088 SLOT MOUNT SERIES EIGHT FINDERS 1.478 (37.541) Page 2-2 77-089 SLOT MOUNT SERIES THREE FINGERS 0.810 (20.574) Page 2-2 77-090 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-091 NO SNAG GASKET 18 (457.200) LENGTH Page 2-6 77-092 NO SNAG GASKET 18 (457.200) LENGTH Page 2-6 77-093 DUAL SLOT SERIES 16.000 (406.400) Page 2-3 77-094 SLOT MOUNT SERIES TWO FINGERS 0.389 (9.881) Page 2-2 77-096 SLOT MOUNT SERIES FOUR FINGERS 1.096 (27.838) Page 2-2 77-097 SLOT MOUNT SERIES 16.000 (406.400) Page 2-2 77-098 ALTERNATE SLOT SERIES 14.590 (370.586) LENGTH Page 2-4 77-099 SLOT MOUNT SERIES FIVE FINGERS 1.378 (35.001) Page 2-2 77-100 SLOT MOUNT SERIES SIX FINGERS 1.660 (42.164) Page 2-2 77-101 SLOT MOUNT SERIES SEVEN FINGERS 1.942 (49.327) Page 2-2 77-105 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-106 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-107 VARIABLE SLOT MOUNT 16 (406.400) LENGTH Page 2-5 77-110 DUAL SLOT SERIES 16.000 (406.400) Page 2-3 78-XXX Most standard profiles are available in UltraSoft® low compression force (78 and 98) series. Please call our sales department for availability. 95-702 GBIC FIBER OPTIC SHIELD Page 3-5 95-822 SLOTTED "D" CONNECTOR SHIELDING 9 PIN STAINLESS STEEL Page 3-2 95-823 SLOTTED "D" CONNECTOR SHIELDING 9 PIN STAINLESS STEEL Page 3-2 95-824 SLOTTED "D" CONNECTOR SHIELDING 15 PIN STAINLESS STEEL Page 3-2 95-825 SLOTTED "D" CONNECTOR SHIELDING 15 PIN STAINLESS STEEL Page 3-2 95-826 SLOTTED "D" CONNECTOR SHIELDING 25 PIN STAINLESS STEEL Page 3-2 95-827 SLOTTED "D" CONNECTOR SHIELDING 25 PIN STAINLESS STEEL Page 3-2 95-828 SLOTTED "D" CONNECTOR SHIELDING 37 PIN STAINLESS STEEL Page 3-2 95-901 SYMMETRICAL S3 SERIES 0.284 (7.214) Page 2-7 95-902 SYMMETRICAL S3 SERIES 0.325 (8.255) Page 2-7 95-1000 STAINLESS STEEL I/O SHIELDING Page 3-1 97-070 FEMALE CONTACT RING O.D. 0.1.219 (30.963) Page 2-32 97-072 FEMALE CONTACT RING O.D. 1.000 (25.400) Page 2-32 97-074 FEMALE CONTACT RING O.D. 0.875 (22.225) Page 2-32 97-076 FEMALE CONTACT RING O.D. 0.640 (16.256) Page 2-32 97-105 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-110 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-111 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-112 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-113 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-114 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-115 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-116 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 97-117 CONTACT STRIPS 16 (406.400) LENGTH Page 2-28, 2-29 LT-3034 Metals_catalog 10/8/04 10:30 AM Page 1.5 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |