| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
81N12-H-AB3-I-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81N12-H-AB3-I-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 15 page ![]() UNISONIC TECHNOLOGIES CO., LTD 81CXXX/81NXXX CMOS IC www.unisonic.com.tw 1 of 15 Copyright © 2005 Unisonic Technologies Co., Ltd QW-R502-039,I VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME DESCRIPTION The UTC 81CXXX and 81NXXX series are good performance voltage detector and manufactured by CMOS technologies with highly accurate, low power consumption. A delay circuit is built-in to each detector, therefore, peripherals are unnecessary and high density mounting is possible. Detect voltage is extremely accurate with minimal temperature drift. Both CMOS and N-channel open drain output configurations are available. FEATURES *Highly Accurate : Detect voltage ± 2% *Built-In Delay time : 1ms ~ 50ms, 50ms ~ 200ms, 200ms ~ 400ms, *Detect Voltage Temperature Characteristics: TYP± 100ppm/℃ *Wide Operating Voltage Range : 0.7V ~ 10.0V *Low Current Consumption : TYP 1.0 µA (VIN=2.0V) TO-92 1 SOT-89 1 SOT-23 1 2 3 *Pb-free plating product number: 81CXXXL/81NXXXL ORDERING INFORMATION CMOS: Order Number ① :Delay Time Pin Assign. Normal Lead Free Plating Duration Code Package 12 3 Packing 81Cxx-①-AB3-E-R 81CxxL-①-AB3-E-R SOT-89 O I G Tape Reel 81Cxx-①-AE3-3-R 81CxxL-①-AE3-3-R SOT-23 O G I Tape Reel 81Cxx-①-AE3-5-R 81CxxL-①-AE3-5-R SOT-23 G O I Tape Reel 81Cxx-①-T92-D-B 81CxxL-①-T92-D-B TO-92 I G O Tape Box 81Cxx-①-T92-E-B 81CxxL-①-T92-E-B TO-92 O I G Tape Box 81Cxx-①-T92-D-K 81CxxL-①-T92-D-K TO-92 I G O Bulk 81Cxx-①-T92-E-K 81CxxL-①-T92-E-K 1 ~ 50 ms 50 ~ 200 ms 200 ~ 400 ms P Q R TO-92 O I G Bulk N-Channel: Order Number ① :Delay Time Pin Assign. Normal Lead Free Plating Duration Code Package 12 3 Packing 81Nxx-①-AB3-E-R 81NxxL-①-AB3-E-R SOT-89 O I G Tape Reel 81Nxx-①-AE3-3-R 81NxxL-①-AE3-3-R SOT-23 O G I Tape Reel 81Nxx-①-AE3-5-R 81NxxL-①-AE3-5-R SOT-23 G O I Tape Reel 81Nxx-①-T92-D-B 81NxxL-①-T92-D-B TO-92 I G O Tape Box 81Nxx-①-T92-E-B 81NxxL-①-T92-E-B TO-92 O I G Tape Box 81Nxx-①-T92-D-K 81NxxL-①-T92-D-K TO-92 I G O Bulk 81Nxx-①-T92-E-K 81NxxL-①-T92-E-K 1 ~ 50 ms 50 ~ 200 ms 200 ~ 400 ms H J K TO-92 O I G Bulk Note: 1. Pin assignment: I:Vin O:Vout G:Vss 2.xx: Output Voltage, refer to Marking Information. |
Số phần tương tự - 81N12-H-AB3-I-R |
|
Mô tả tương tự - 81N12-H-AB3-I-R |