| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
81N12-H-AB3-I-R bảng dữ liệu(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81N12-H-AB3-I-R bảng dữ liệu(HTML) 5 Page - Unisonic Technologies |
|
5 / 15 page ![]() 81CXXX/81NXXX CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 15 www.unisonic.com.tw QW-R502-039,I ELECTRICAL CHARACTERISTICS(Cont.) Detection voltage (2.0V ~ 2.9V) PARAMETER SYMBOL CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Detect Voltage VDF 1 VDF (T) X0.98 VDF (T) VDF (T) X1.02 V Hysteresis Range VHYS 1 VDF X0.02 VDF X0.05 VDF X0.08 V Operating Voltage VIN 1 VDF=1.6V ~ 6.0V 0.7 10.0 V VIN=2.0V 1.0 3.0 µA Supply Current ISS 2 VIN=5.0V 2.0 4.2 µA 3 N-ch VDS=0.5V, VIN =2.0V 7.9 mA Output Current IOUT 4 P-ch VDS=2.1V, VIN=8.0V (CMOS output) -15.4 mA VDF Temperature Characteristics ∆VDF ∆TOPR×VDF ±100 ppm/℃ Transient Delay Time (VDR VOUT inversion) tDLY * 5 VIN changes from 0.6V ~ 10V 50 200 ms Detection voltage (3.0V ~ 3.9V) PARAMETER SYMBOL CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Detect Voltage VDF 1 VDF (T) X0.98 VDF (T) VDF (T) X1.02 V Hysteresis Range VHYS 1 VDF X0.02 VDF X0.05 VDF X0.08 V Operating Voltage VIN 1 VDF=1.6V ~ 6.0V 0.7 10.0 V VIN =3.0V 1.3 3.4 µA Supply Current ISS 2 VIN =5.0V 2.0 4.2 µA 3 N-ch VDS=0.5V, VIN =3.0V 10.1 mA Output Current IOUT 4 P-ch VDS=2.1V, VIN=8.0V (CMOS output) -15.4 mA VDF Temperature Characteristics ∆VDF ∆TOPR×VDF ±100 ppm/℃ Transient Delay Time (VDR VOUT inversion) tDLY * 5 VIN changes from 0.6V ~ 10V 50 200 ms |