| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS240DB bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS240DB bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 41 page ![]() 1 2 4 6 8 19 11 13 15 17 3 5 7 9 12 14 16 18 1A1 1A2 1A3 1A4 1Y1 2A1 2A2 2A3 2A4 2Y1 1Y2 1Y3 1Y4 2Y2 2Y3 2Y4 2G 1G Copyright © 2016, Texas Instruments Incorporated 12 SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244 SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244 SDLS144D – APRIL 1985 – REVISED OCTOBER 2016 www.ti.com Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240 SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244 Submit Documentation Feedback Copyright © 1985–2016, Texas Instruments Incorporated Pin numbers shown are for DB, DW, J, N, NS, and W packages Figure 18. SNx4LS244 and SNx4S244 Logic Diagram 8.3 Feature Description 8.3.1 3-State Outputs The 3-state outputs can drive bus lines directly. All outputs can be put into high impedance mode through the G pin. 8.3.2 PNP Inputs This device has PNP inputs which reduce dc loading on bus lines. 8.3.3 Hysteresis on Bus Inputs The bus inputs have built-in hysteresis that improves noise margins. 8.4 Device Functional Modes The SNx4LS24x and SNx4S24x devices can be used as inverting and non-inverting bus buffers for data line transmission and can isolate input to output by setting the G pin HIGH. Table 1, Table 2, and Table 3 list the function tables for all devices. Table 1. SNx4LS240 and SNx4S240 Function Table INPUTS OUTPUTS G A Y L L H L H L H X Z |