công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST38VF6402 bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện SST38VF6402
Giải thích chi tiết về linh kiện  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 39Page - Microchip Technology SST38VF6402 Datasheet HTML 40Page - Microchip Technology SST38VF6402 Datasheet HTML 41Page - Microchip Technology SST38VF6402 Datasheet HTML 42Page - Microchip Technology SST38VF6402 Datasheet HTML 43Page - Microchip Technology SST38VF6402 Datasheet HTML 44Page - Microchip Technology SST38VF6402 Datasheet HTML 45Page - Microchip Technology SST38VF6402 Datasheet HTML 46Page - Microchip Technology SST38VF6402 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
43
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Figure 15:WE# Controlled Sector-Erase Timing Diagram
1309 F10.1
ADDRESS AMS-0
DQ15-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
555
2AA
2AA
555
555
XX55
XX50
XX55
XXAA
XX80
XXAA
SAX
OE#
CE#
SIX-BYTE CODE FOR SECTOR-ERASE
TSE
RY/BY#
TBUSY
TWP
Note: This device also supports CE# controlled Sector-Erase operation The WE# and CE# signals are interchangeable
as long as minimum timings are met. (See Table 24)
SAX = Sector Address
AMS = Most significant address
AMS = A21 for SST38VF6401/6402/6403/6404
WP# must be held in proper logic state (VIL or VIH) 1 µs prior to and 1 µs after the command sequence.
X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66