| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST38VF6402 bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6402 bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 66 page ![]() ©2015-2018 Microchip Technology Inc DS20005015D 41 64 Mbit (x16) Advanced Multi-Purpose Flash Plus SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404 Figure 13:WE# Controlled Chip-Erase Timing Diagram 1309 F08.1 ADDRESS AMS-0 DQ15-0 WE# SW0 SW1 SW2 SW3 SW4 SW5 555 2AA 2AA 555 555 XX55 XX10 XX55 XXAA XX80 XXAA 555 OE# CE# RY/BY# TWP SIX-BYTE CODE FOR CHIP-ERASE TSCE TBUSY Note: This device also supports CE# controlled Chip-Erase operation The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 24) AMS = Most significant address AMS = A21 for SST38VF6401/6402/6403/6404 WP# must be held in proper logic state (VIL or VIH) 1 µs prior to and 1 µs after the command sequence. |