| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25VF080B bảng dữ liệu(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF080B bảng dữ liệu(HTML) 11 Page - Microchip Technology |
|
11 / 33 page ![]() 2005-2020 Microchip Technology Inc. DS20005045D-page 11 SST25VF080B FIGURE 4-8: AUTO ADDRESS INCREMENT (AAI) WORD PROGRAM SEQUENCE WITH HARDWARE END OF WRITE DETECTION FIGURE 4-9: AUTO ADDRESS INCREMENT (AAI) WORD PROGRAM SEQUENCE WITH SOFTWARE END OF WRITE DETECTION Note 1: Valid commands during AAI programming: AAI command or WRDI command. 2: User must configure the SO pin to output Flash Busy status during AAI programming CE# SI SCK SO Check for Flash Busy Status to load next valid (1) command Load AAI command, Address, 2 bytes data 0 AA A AD D0 AD MODE 3 MODE 0 D1 D2 D3 7 WREN EBSY 0 7 07 8 32 47 15 16 23 24 31 0 40 39 7 8 15 16 23 DOUT WRDI followed by DBSY to exit AAI Mode WRDI RDSR 70 15 78 0 DBSY 7 0 CE# cont. SI cont. SCK cont. SO cont. Last 2 Data Bytes AD Dn-1 Dn 7 8 15 16 23 0 Check for Flash Busy Status to load next valid (1) command Note 1: Valid commands during AAI programming: RDSR command or WRDI command. 07 8 32 47 15 16 23 24 31 0 40 39 7 8 15 16 23 7 8 15 16 23 70 15 78 00 CE# SI SCK SO DOUT MODE 3 MODE 0 Wait TBP or poll Software Status register to load next valid (1) command Last 2 Data Bytes WRDI to exit AAI Mode Load AAI command, Address, 2 bytes data AA A AD D0 AD D1 D2 D3 AD Dn-1 Dn WRDI RDSR |