| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST25VF080B bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25VF080B bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 33 page ![]() 2005-2020 Microchip Technology Inc. DS20005045D-page 27 SST25VF080B For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Microchip Technology Drawing C04-14008A Sheet 1 of 1 8-Lead Very, Very Thin Small Outline No-Leads (QAE/F) - 5x6 mm Body [WSON] Note: 1. All linear dimensions are in millimeters (max/min). 2. Untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads. This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit. Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device. |